Part Number Hot Search : 
NTE74H11 MBR20200 2SC5840 70450 A222R ON2916 CTP4018F 200JE
Product Description
Full Text Search
 

To Download LM24014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM24014H
Features
s 13 cm [5.2"] STN s Transflective Type s EL backlight is optionally available
Medium Size Graphic Type LCD Module
s Wide temperature range Topr : 0 to +45C, Tstg : -25 to +60C
Specifications
Parameter
Display size Dot format (H x V) Dot pitch (H x V) Active area (H x V) Panel type Panel mode Color Contrast ratio Response time 13 [5.2] 240 x 64 0.53 x 0.53 127.2 x 33.9 STN Transflective Gray 7:1 450 [-]
Unit
cm [ "] dot mm mm color ms
Parameter
Brightness Duty ratio 1/64 Backlight type EL Power consumption Panel 75 Backlight Outline dimensions (W x H x D) 180.0 x 65.0 x 10.5 Weight 120 Operating temperature 0 to +45 Storage temperature -25 to +60
Unit
cd/m2 mW mW mm g C C
Remark: Built-in LCD controller/CG-ROM
Outline Dimensions
180 176 155.5 132.6 2 11.3 21.7
8.5
unit : mm
4-R1.75
2 7.5
10
2 Pin 1 20- 1
22.86 (2.54Px9) 4.8 10 16 8.5 MAX (1.6)
65 58 54 39
A 4-R1.5
Active Area 127.15x33.87 Viewing Area 132.6x39
Pin 2 Pin 20
2.54
11
10.5 MAX
24.4
A point
0.53 0.48
0.53 0.48
40


▲Up To Search▲   

 
Price & Availability of LM24014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X